Part Number Hot Search : 
MSB38D 100BG MTZJ27 AD8500 MVCO1700 2AZ24VDC 100BG BD131
Product Description
Full Text Search
 

To Download HCH1378-2R5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT Power Inductor
HCH1378 Type
Features
Low profile, SMD type. High current. Magnetic shielded. High energy storage and low DCR. Provided with embossed carrier tape packing. Ideal for power source circuits, DC-DC converter, DC-AC inverters inductor applications. In addition to the standard versions shown here, custom inductors are available to meet your exact requirements.
Mechanical Dimension : Unit :mm
RECOMMENDED PAD
13.5 0.3 7.8 Max. 6.1 REF 4.0 4.0
12.7 0.3
3.5 REF
3.5 REF
6.0
Electrical Characteristics :
PART NO.
HCH1378-0R8 HCH1378-1R2 HCH1378-2R5
L (uH)
0.8 1.2 2.5
Li (uH)
0.820% 1.225% 2.020%
DCR
(m ) MAX
1.2 1.5 3.0
Is (Adc)
40 35 22
Tolerance of inductance : 20% Li is the inductance at Isat. Test condition : 25OC , 100KHz, 1V
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991 http://www.deltaww.com
89


▲Up To Search▲   

 
Price & Availability of HCH1378-2R5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X